|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
APL5885 500mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages Features * * * * * * * * Low Dropout Voltage of 1.3V at 500mA Output Voltage Accuracy 2.0% Line Regulation - 3mV (typ.) Load Regulation - 13mV (typ.) Input Voltage Range up to 9V Internal Current Limiting and Thermal Shutdown Protections Available Output Voltages -ADJ, 1.8V, 2.5V, 3.3V Various SOT-89 and TO-92 Packages Available General Description The APL5885 is a 3-pin low dropout linear regulator with 2.0% accuracy of output voltage over line , load and temperature variations . Dropout voltage at 500mA output current is less than 1.3V . Both output current limiting and thermal shutdown are built in to provide maximal protection to the APL5885 against fault conditions . The over current and thermal shutdown circuits become active when the current exceed 500mA , or the junction temperature reach 150C . Normal operation is recovered when junction temperature drops below 130C . Pin Configuration Applications 3 VOUT * * * * * * Voltage Regulator for CD-ROM Drivers Voltage Regulator for LAN Cards Wireless Communication Systems Portable Instrument Portable Consumer Equipment Low Voltage Systems 1 GND 2 VIN 3 2 V IN 1 GND VOUT SOT-89 (Top View) TO-92 (Top View) Ordering and Marking Information APL5885L e a d F re e C o d e H a n d lin g C o d e Tem p. R ange P ackage C ode V o lt a g e C o d e P ackage C ode D : S O T -8 9 E: Tem p. R ange C : 0 to 7 0 C H a n d lin g C o d e TU : Tube TR : V o lt a g e C o d e 1 8 : 1 .8 V 25 : 3 3 : 3 .3 V B la n k : L e a d F re e C o d e L : L e a d F r e e D e v ic T O -9 2 Tape & R eel 2 .5 V A d ju s ta b le V e r s io n e B la n k : O r ig in a l D e v ic e APL5885 D : APL5885 XXXXX XXXXX - D a te C o d e APL5885 E : APL 5885 XXXXX APL 5885 XXXXX18 APL 5885 XXXXX25 APL 5885 XXXXX33 XXXXX - D a te C o d e A P L 5 8 8 5 -1 8 D : APL5885 XXXXX18 XXXXX - D a te C o d e A P L 5 8 8 5 -1 8 E : XXXXX - D a te C o d e A P L 5 8 8 5 -2 5 D : APL5885 XXXXX25 XXXXX - D a te C o d e A P L 5 8 8 5 -2 5 E : XXXXX - D a te C o d e A P L 5 8 8 5 -3 3 D : APL5885 XXXXX33 XXXXX - D a te C o d e A P L 5 8 8 5 -3 3 E : XXXXX - D a te C o d e ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise customers to obtain the latest version of relevant information to verify before placing orders. Copyright ANPEC Electronics Corp. Rev. A.6 - Apr., 2003 1 www.anpec.com.tw APL5885 Absolute Maximum Ratings Symbol VIN IOUT TA TJ TSTG PD JA Parameter Input Voltage Output Current Operating Ambient Temperature Range Operating Ambient Temperature Range Storage Temperature Range Power Dissipation Package Thermal Resistance SOT-89 TO-92 Rating 9 500 0 to 70 -40 to +150 -65 to +150 Interanl Limited 180 180 C / W Unit V mA C C C Electrical Characteristics (TA=25C, unless otherwise noted) APL5885 Min. VOUT +1.45V 0.9 VOUT 500 800 6 10 Typ. Max. 8 1.02 VOUT Symbol VN VOUT IOUT ISC IQ Parameter Input Voltage Test Condition Unit V V mA mA mA Output Voltage IOUT=10mA Output Current VOUT=2% Capability Short Circuit Current VOUT<0.4V Quiescent Current VIN=5V , No Load Line Regulation TJ =0~125C APL5885 IOUT=10mA, VOUT+1.7VVIN 8V APL5885-18 IOUT=0A, 3.5VVIN8V APL5885-25 IOUT=0A, 4.2VVIN8V APL5885-33 IOUT=0A, 5VVIN 8V TJ =0~125C Load Regulation APL5885 (VIN -VOUT)=1.7V, 0 IOUT 0.5A APL5885-18 VIN=3.5V, 0 IOUT 0.5A APL5885-25 VIN =4.2V, 0 IOUT 0.5A APL5885-33 VIN=5V, 0 IOUT 0.5A Dropout Voltage IOUT=500mA , VOUT=1% Power Supply at 1kHz Rejection Ratio Over Temperature Shutdown Output Noise Output Voltage Temperature Coefficient REGLINE 3 6 mV REGLOAD 0.4 0.6 % VDROPOUT PSRR OTS EN TC 1300 55 150 100 100 1450 mV dB C Vrms ppm/C Copyright ANPEC Electronics Corp. Rev. A.6 - Apr., 2003 2 www.anpec.com.tw APL5885 Block Diagram VIN Thermal Shutdown + - Current Limit VOUT VREF GND Application Schematic 1.25V to 7V Adjustable Regulator Fixed 1.8V, 2.5V and 3.3V Regulator A P L5885 V IN IN ADJ OUT R1 + 1F APL5885 V OUT V IN IN OUT GND V OU T + R2 10F 1F 10F VOUT = 1.250Vx R1+ R2 R1 Copyright ANPEC Electronics Corp. Rev. A.6 - Apr., 2003 3 www.anpec.com.tw APL5885 Typical Characteristics Output Voltage vs. Temperature 2.6 2.5 2.4 3.4 Output Voltage vs. Temperature Output Voltage (V) 2.3 2.2 2.1 2 1.9 1.8 1.7 1.6 -50 Output Voltage (V) 3.3 3.2 3.1 -25 0 25 50 75 100 125 3 -50 -25 0 25 50 75 100 125 Temperature (C) Temperature (C) Line Transient Response 50 7 Load Transient Response 10 3.5 Output Voltage Deviation (mV) VOUT=1.25V 40 6 Output Voltage Deviati (mV) 5 0 -5 -10 -15 -20 -25 -30 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 3 2.5 30 5 VIN=3.3V Input Voltage (V) 20 4 VOUT 2 1.5 1 0.5 10 3 0 2 -10 VOUT=3.3V 1 IOUT 0 -0.5 -20 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 0 Time (s) Time (ms) Copyright ANPEC Electronics Corp. Rev. A.6 - Apr., 2003 4 www.anpec.com.tw Load Current (A) APL5885 Typical Characteristics (Cont.) Adjust Pin Current vs. Temperature 62 3.5 Output Voltage vs. Input Voltage 61 3 Adjust Pin Current (A) Output Voltage (V) 60 2.5 59 2 58 1.5 57 1 56 0.5 55 -50 0 50 100 150 0 0 1 2 3 4 5 6 7 8 9 Temperature (C) Input Voltage (V) Short Circuit Current vs. Temperature 940 920 Load Regulation vs. Output Current 14 12 VOUT=3.3V Short Circuit Current (mA) 900 880 860 840 Load Regulation(mV) 10 8 6 4 2 0 VIN=5V 820 800 780 760 -50 0 50 100 150 0 100 200 300 400 500 Temperature(C) Output Current (mA) Copyright ANPEC Electronics Corp. Rev. A.6 - Apr., 2003 5 www.anpec.com.tw APL5885 Typical Characteristics (Cont.) Short Circuit Current vs. Input Voltage 940 930 Output Current vs. Dropout Voltage 1.6 Short Circuit Current (mA) 910 900 890 880 870 860 850 840 Dropout Voltage (V) 920 1.4 1.2 1 0.8 0.6 830 4 5 6 7 8 9 0 100 200 300 400 500 Input Voltage (V) Output Current (mA) Quiescent Current vs. Temperature 9 8 8 7 Input Current vs. Input Voltage Quiescent Current (mA) Input Current (mA) -5 0 0 50 10 0 150 7 6 5 4 3 2 1 0 6 5 4 3 2 1 0 0 2 4 6 8 10 Temperature (C) Input Voltage (V) Copyright ANPEC Electronics Corp. Rev. A.6 - Apr., 2003 6 www.anpec.com.tw APL5885 Packaging Ingormation TO-92 3 J e e1 2 1 L1 Q A L2 L SEATING PLANE E b2 S D b S Dim A b b2 D E e e1 J L L1 L2 Q S Millimeters Min. Max. 4.58 0.41 0.41 4.96 3.94 2.42 1.15 3.43 12.70 1.27 6.35 2.93 2.42 2.66 5.33 0.53 0.48 5.20 4.19 2.66 1.39 Inches Min. 0.170 0.160 0.160 0.175 0.125 0.095 0.045 0.135 0.500 0.050 0.250 0 . 11 5 0.080 0.105 Max. 0.210 0.021 0.019 0.205 0.165 0.105 0.055 Copyright ANPEC Electronics Corp. Rev. A.6 - Apr., 2003 7 www.anpec.com.tw APL5885 Packaging Ingormation SOT-89 (Reference EIAJ ED-7500A Reg stration SC-62) D D1 a E H 1 2 3 L B1 B e e1 C A a D im A B B1 C D D1 e e1 E H L M illim eters M in. 1.40 0.40 0.35 0.35 4.40 1.35 1.50 B SC 3.00 B SC 2.29 3.75 0.80 2.60 4.25 1.20 10 0.090 0.148 0.031 M ax. 1.60 0.56 0.48 0.44 4.60 1.83 M in. 0.055 0.016 0.014 0.014 0.173 0.053 Inches M ax. 0.063 0.022 0.019 0.017 0.181 0.072 0.059 BSC 0.118 B SC 0.102 0.167 0.047 10 Copyright ANPEC Electronics Corp. Rev. A.6 - Apr., 2003 8 www.anpec.com.tw APL5885 Physical Specifications Terminal Material Lead Solderability Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb), 100%Sn Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3. Reflow Condition TP (IR/Convection or VPR Reflow) tp Critical Zone T L to T P Ram p-up Temperature TL Tsm ax tL Tsm in Ram p-down ts Preheat 25 t 25 C to Peak Tim e Classificatin Reflow Profiles Profile Feature Sn-Pb Eutectic Assembly Large Body Small Body Pb-Free Assembly Large Body Small Body 3C/second max. 150C 200C 60-180 seconds 3C/second max 217C 60-150 seconds 245 +0/-5C 250 +0/-5C 10-30 seconds 20-40 seconds Average ramp-up rate 3C/second max. (TL to TP) Preheat - Temperature Min (Tsmin) 100C - Temperature Mix (Tsmax) 150C - Time (min to max)(ts) 60-120 seconds Tsmax to TL - Ramp-up Rate Tsmax to TL - Temperature(TL) 183C - Time (tL) 60-150 seconds Peak Temperature(Tp) 225 +0/-5C 240 +0/-5C Time within 5C of actual Peak 10-30 seconds 10-30 seconds Temperature(tp) Ramp-down Rate 6C/second max. 6 minutes max. Time 25C to Peak Temperature 6C/second max. 8 minutes max. Note: All temperatures refer to topside of the package. Measured on the body surface. Copyright ANPEC Electronics Corp. Rev. A.6 - Apr., 2003 9 www.anpec.com.tw APL5885 Reliability test Program Test item SOLDERABILITY HOLT PCT TST ESD Latch-Up Method MIL-STD-883D-2003 MIL-STD-883D-1005.7 JESD-22-B, A102 MIL-STD-883D-1011.9 MIL-STD-883D-3015.7 JESD 78 Description 245 C , 5 SEC 1000 Hrs Bias @ 125 C 168 Hrs, 100 % RH , 121 C -65 C ~ 150 C , 200 Cycles VHBM > 2KV, VMM > 200V 10ms , Itr > 100mA Carrier Tape & Reel Dimensions t E Po P P1 D F W Bo Ao D1 Ko T2 J C A B T1 Application SOT-89 Application SOT-89 A 178 1 F B 70 2 D C 13.5 0.15 D1 1.5 0.1 J 3 0.15 Po T1 14 2 P1 T2 1.3 0.3 Ao W 12 + 0.3 12 - 0.1 Bo P 8 0.1 Ko E 1.75 0.1 t 5.5 0.05 1.5 0.1 4.0 0.1 2.0 0.1 4.8 0.1 4.5 0.1 1.80 0.1 0.30.013 (mm) Copyright ANPEC Electronics Corp. Rev. A.6 - Apr., 2003 10 www.anpec.com.tw APL5885 Cover Tape Dimensions Application SOT- 89 Carrier Width 12 Cover Tape Width 9.3 Devices Per Reel 1000 Customer Service Anpec Electronics Corp. Head Office : 5F, No. 2 Li-Hsin Road, SBIP, Hsin-Chu, Taiwan, R.O.C. Tel : 886-3-5642000 Fax : 886-3-5642050 Taipei Branch : 7F, No. 137, Lane 235, Pac Chiao Rd., Hsin Tien City, Taipei Hsien, Taiwan, R. O. C. Tel : 886-2-89191368 Fax : 886-2-89191369 Copyright ANPEC Electronics Corp. Rev. A.6 - Apr., 2003 11 www.anpec.com.tw |
Price & Availability of APL5885-EC-TR |